| Moteur de recherche de fiches techniques de composants électroniques |
|
L9305EP Fiches technique(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9305EP Fiches technique(HTML) 87 Page - STMicroelectronics |
|
87 / 107 page ![]() DRVFLTMASK2 Driver fault mask 2 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 R RW RW RW RW RW Address: Channel_X_BaseAddress + 0x0E Type: RW Reset: 0xFFFF Description: Driver Fault Mask register is an active Hi Mask register for Driver Faults. Setting mask bit disables corresponding fault from generating interrupt on FAULT pin [15:5] unused [4] Out of regulation 0: NOT Masked 1: MASKED [3] GND_SOL loss fault 0: NOT Masked 1: MASKED [2] RAM CRC error 0: NOT Masked 1: MASKED [1] E_SOL_HS/LS: 0: NOT Masked 1: MASKED [0] E_CFG_REG_FAIL: 0: NOT Masked 1: MASKED L9305 SPI DS12774 - Rev 10 page 87/107 |