| Moteur de recherche de fiches techniques de composants électroniques |
|
L9305EP Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9305EP Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 107 page ![]() 00: Idle 01: BIST running 10: BIST passed 11: BIST failed Read [8:7] Solenoid Diag Self Test (OFF State): 00: Self Test pass 01: DIAG_LV comparator fail 10: DIAG OL comparator fail 11: Self Test fail Clear on Read [6] Open Load (OFF State): 0: No Fault 1: Open load Clear on Read [5] Short Detection (OFF State): 0: No Fault 1: Short Detected Clear on Read [4] Solenoid ADC Mismatch monitor: 0: No Fault 1: Mismatch Fault Detected Clear on Read [3] LS Clamp Active (ON state): 0: No Fault 1: LS Clamp Activated Clear on Read [2] HS Over Current (ON State) 0: No Fault 1: HS Over Current Clear on Read [1] LS Over Current (ON State) 0: No Fault 1: LS Over Current Clear on Read [0] T_SD: (Thermal Shutdown) 0: No Fault 1: Thermal Shutdown Fault Clear on Read L9305 SPI DS12774 - Rev 10 page 73/107 |