| Moteur de recherche de fiches techniques de composants électroniques |
|
L5965 Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5965 Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 73 page ![]() 5.2.2 SPI REG BUCK2 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED RESERVED R R R R R R/W R/W R R R R/W R/W R/W R/W R R 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 Address 0x01 BUCK2_XTH: OV/UV/PG threshold setting (see Power output UV/OV monitor, Power Good) BUCK2_SPREAD_EN: Spread spectrum enable BUCK2_OUTPUT_SR: Output stage slew rate (see tSR_PH2) BUCK2_SSCLK_SEL: SoftStart time selection (see tSOFTSTART_BUCK2) 5.2.3 SPI REG BUCK3 and SPI REG WD_REC_EN 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED RESERVED R R R R R R R R R R R/W R R R R 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 Address 0x02 SPI_WD_REC_EN: In case SPI_WD_REC_EN=1, WD failure asserts RESET_B and makes FSM go to REC state. BUCK3_Xth: OV/UV/PG threshold setting. BUCK3_Spread_En: Spread spectrum enable. BUCK3_SSCLK_SEL: SoftStart time selection. L5965 SPI registers mapping DS12567 - Rev 3 page 36/73 |