| Moteur de recherche de fiches techniques de composants électroniques |
|
L5965 Fiches technique(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5965 Fiches technique(HTML) 58 Page - STMicroelectronics |
|
58 / 73 page ![]() 6.9 OTP (SAF) registers 6.9.1 SAF_REG_OP 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED RESERVED SAF_CMD SAF_ADDR R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Address 0x30 [3:0] SAF_ADDR: SAF row address [5:4] SAF_CMD: SAF opt command 01: burn / write 10: read 11: simulation [11:6] RESERVED [12] SAF_AUTO_DL_FORCE: SAF auto download bit. When auto download is finished, this bit will be cleared to '0'. This register is only accessible in TM and OTP Program mode. Note: In OTP program mode, 8/9/10/11/12 (USR ROWs) are valid for SAF_ADDR; Writing operation to this register generates SAF_TRIG pulse (if SAF_CMD is valid op); The auto download has higher priority. L5965 OTP (SAF) registers DS12567 - Rev 3 page 58/73 |