| Moteur de recherche de fiches techniques de composants électroniques |
|
L5965 Fiches technique(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5965 Fiches technique(HTML) 69 Page - STMicroelectronics |
|
69 / 73 page ![]() 5.2.2 SPI REG BUCK2 ....................................................... 36 5.2.3 SPI REG BUCK3 and SPI REG WD_REC_EN ................................. 36 5.2.4 SPI REG BUCK4 ....................................................... 37 5.2.5 SPI REG BOOST VREF .................................................. 37 5.2.6 SPI REG BUCK EN...................................................... 38 5.2.7 SPI REG WD .......................................................... 38 5.2.8 SPI REG BUCK STAT1 ................................................... 39 5.2.9 SPI REG BUCK STAT2 ................................................... 39 5.2.10 SPI REG Fault Table PWUP ............................................... 40 5.2.11 SPI REG ADC TH1 ...................................................... 41 5.2.12 SPI REG ADC TH2 ...................................................... 41 5.2.13 SPI REG ADC TH3 ...................................................... 41 5.2.14 SPI REG ADC TH4 ...................................................... 41 5.2.15 SPI REG ADC TH5 ...................................................... 42 5.2.16 SPI REG ADC TH6 ...................................................... 42 5.2.17 SPI REG ADC TH7 ...................................................... 42 5.2.18 SPI REG ADC VBAT1.................................................... 43 5.2.19 SPI REG ADC VBAT2.................................................... 43 5.2.20 SPI REG OT Warning .................................................... 44 5.2.21 SPI Fault STAT ......................................................... 44 5.2.22 SPI Silicon Version ...................................................... 45 5.2.23 SPI Device Identification .................................................. 46 6 Device operating mode ...........................................................47 6.1 Shutdown mode .............................................................. 48 6.2 Standby mode ................................................................ 48 6.3 INIT mode ................................................................... 48 6.4 REC mode ................................................................... 48 6.5 RAMPUP MAIN and SEC_UP ................................................... 48 6.6 ACTIVE mode ................................................................ 51 6.7 OTP program mode ........................................................... 51 6.8 OTP bit mapping and register configuration........................................ 53 6.9 OTP (SAF) registers ........................................................... 58 6.9.1 SAF_REG_OP ......................................................... 58 6.9.2 SAF_REG_CFG ........................................................ 59 6.9.3 SAF_REG_DI .......................................................... 60 6.9.4 SAF_REG_D0_Bit_Ts .................................................... 60 6.9.5 SAF_REG_STAT........................................................ 61 L5965 Contents DS12567 - Rev 3 page 69/73 |