Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9396 Fiches technique(PDF) 107 Page - STMicroelectronics

No de pièce L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Fiches technique(HTML) 107 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 101Page - STMicroelectronics L9396 Datasheet HTML 102Page - STMicroelectronics L9396 Datasheet HTML 103Page - STMicroelectronics L9396 Datasheet HTML 104Page - STMicroelectronics L9396 Datasheet HTML 105Page - STMicroelectronics L9396 Datasheet HTML 106Page - STMicroelectronics L9396 Datasheet HTML 107Page - STMicroelectronics L9396 Datasheet HTML 108Page - STMicroelectronics L9396 Datasheet HTML 109Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 107 / 109 page
background image
DS12539 Rev 10
107/109
L9396
Package information
109
9.2
TQFP64 (10x10x1 mm exp. pad down) marking information
Figure 27. TQFP64 (10x10x1 mm exp. pad down) marking information
Parts marked as ‘ES’ are not yet qualified and therefore not approved for use in production.
ST is not responsible for any consequences resulting from such use. In no event will ST be
liable for the customer using any of these engineering samples in production. ST’s Quality
department must be contacted prior to any decision to use these engineering samples to run
a qualification activity.
LQFP/TQFP 64 TOP VIEW
(not in scale)
Marking area A
Pin1 Ref.
Marking area B
Last two digits
ES: Engineering sample
<blank>: Commercial sample
GAPG1603161242PS_ES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More