| Moteur de recherche de fiches techniques de composants électroniques |
|
L9396 Fiches technique(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9396 Fiches technique(HTML) 106 Page - STMicroelectronics |
|
106 / 109 page ![]() Package information L9396 106/109 DS12539 Rev 10 VARIATIONS(3) Option A D2 - 4.50 - - 0.1772 - E2 - 4.50 - - 0.1772 - Option B D2 - 6.0 - - 0.2362 - E2 - 6.0 - - 0.2362 - 1. Values in inches are converted from mm and rounded to 4 decimal digits. 2. Dimensions D1 and E1 do not include mold flash or protrusions. Allowable mold flash or protrusion is “0.25 mm” per side. 3. L9396 mounts option A: 4.5x4.5 die pad. Table 63. TQFP64 (10x10x1 mm exp. pad down) package mechanical data (continued) Ref Dimensions Millimeters Inches(1) Min. Typ. Max. Min. Typ. Max. |