Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9396 Fiches technique(PDF) 94 Page - STMicroelectronics

No de pièce L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Fiches technique(HTML) 94 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 90Page - STMicroelectronics L9396 Datasheet HTML 91Page - STMicroelectronics L9396 Datasheet HTML 92Page - STMicroelectronics L9396 Datasheet HTML 93Page - STMicroelectronics L9396 Datasheet HTML 94Page - STMicroelectronics L9396 Datasheet HTML 95Page - STMicroelectronics L9396 Datasheet HTML 96Page - STMicroelectronics L9396 Datasheet HTML 97Page - STMicroelectronics L9396 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 109 page
background image
0000110
0
6
DRV_CONTROL 1
DRIVER CONTROL 1
DEFAULT = 0,
RST = SSM RESET
(bits 19:17)
RST = POR (bits 15:0),
(masked during power up)
TYPE = R/W (bits 19:17)
TYPE = R/C (bits 15:11, 6:0)
TYPE = R/O (bits 10:7)
R/W
- - -
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0000111
0
7
POWER_ON
POWER ON
TYPE = R/W
R/W
- - - -
- - - - - - - - - - - - - - - - - - - - - - - - - - - -
-
Table 60. Registers summary (continued)
ADDRESS
Name
Description
Type
DATA
BIN
Page
[6:4]
REG
[3:0]
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
W R W R W R W R W R W R W R W R W R W R W R W R W R W R W R W R W R W R W R W R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More