| Moteur de recherche de fiches techniques de composants électroniques |
|
L9396 Fiches technique(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9396 Fiches technique(HTML) 77 Page - STMicroelectronics |
|
77 / 109 page ![]() DS12539 Rev 10 77/109 L9396 System functional safety implementations 109 Figure 19. Seed generation algorithm block diagram Seed is generated by the LSFR algorithm in Figure above. In particular the algorithm generates a 7-bit length word, while the seed has 8 bits including a zero as MSB. In this way the seeds are always positive. A new seed will be stored onto the WD_Seed only in case of a correct answer received. In case of an error, the same seed will be available into the WD_Seed until a correct answer will be received. Figure 20. Seed selection and elaboration flow Figure 21. Answer check generation algorithm block diagram The answer is a 16-bit long word checked against a 16-bit word composed by two bytes, Answer_Low and Answer_High, generated from the sent seed. Answer_Low is the logical 2's complement of the seed, while Answer_High is a replica of the seed being sent. Seed 0 1 2 3 4 5 6 7 + + + + + 1 GADG2401171600PS T_start_REQ Microcontroller ASIC ANSWER WRITE ANSWER CHECK SEED SENT SEED OLD SEED NEW SEED SEED SENT SEED ANSWER OK ? SEED = NEW SEED SEED = OLD SEED SEED GADG2401171606PS SEED_READ SEED_ELABORATION SEED_READ Answer Low 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Answer High Seed ! Seed 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 GADG2401171609PS |