Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2640R2FYFVT.B Fiches technique(PDF) 60 Page - Texas Instruments

No de pièce CC2640R2FYFVT.B
Description  CC2640R2F SimpleLink™ Bluetooth® 5.1 Low Energy Wireless MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640R2FYFVT.B Fiches technique(HTML) 60 Page - Texas Instruments

Back Button CC2640R2FYFVT.B Datasheet HTML 56Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 57Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 58Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 59Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 60Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 61Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 62Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 63Page - Texas Instruments CC2640R2FYFVT.B Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
2-Oct-2025
Device
Package
Name
Package
Type
Pins
SPQ
Unit array
matrix
Max
temperature
(°C)
L (mm)
W
(mm)
K0
(µm)
P1
(mm)
CL
(mm)
CW
(mm)
CC2640R2FRSMT.A
RSM
VQFN
32
250
14 x 35
150
315
135.9
7620
8.8
7.9
8.15
CC2640R2FRSMT.A
RSM
VQFN
32
250
14 x 35
150
315
135.9
7620
8.8
7.9
8.15
CC2640R2FRSMT.B
RSM
VQFN
32
250
14 x 35
150
315
135.9
7620
8.8
7.9
8.15
CC2640R2FRSMT.B
RSM
VQFN
32
250
14 x 35
150
315
135.9
7620
8.8
7.9
8.15
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74