| Moteur de recherche de fiches techniques de composants électroniques |
|
AM26LS32AI Fiches technique(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS32AI Fiches technique(HTML) 33 Page - Texas Instruments |
|
33 / 35 page ![]() www.ti.com EXAMPLE STENCIL DESIGN 16X (1.5) 16X (0.45) 14X (0.65) (5.8) (R0.05) TYP TSSOP - 1.2 mm max height PW0016A SMALL OUTLINE PACKAGE 4220204/B 12/2023 NOTES: (continued) 8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 9. Board assembly site may have different recommendations for stencil design. SOLDER PASTE EXAMPLE BASED ON 0.125 mm THICK STENCIL SCALE: 10X SYMM SYMM 1 8 9 16 |