| Moteur de recherche de fiches techniques de composants électroniques |
|
AM26LS32AI Fiches technique(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS32AI Fiches technique(HTML) 32 Page - Texas Instruments |
|
32 / 35 page ![]() www.ti.com EXAMPLE BOARD LAYOUT 0.05 MAX ALL AROUND 0.05 MIN ALL AROUND 16X (1.5) 16X (0.45) 14X (0.65) (5.8) (R0.05) TYP TSSOP - 1.2 mm max height PW0016A SMALL OUTLINE PACKAGE 4220204/B 12/2023 NOTES: (continued) 6. Publication IPC-7351 may have alternate designs. 7. Solder mask tolerances between and around signal pads can vary based on board fabrication site. LAND PATTERN EXAMPLE EXPOSED METAL SHOWN SCALE: 10X SYMM SYMM 1 8 9 16 15.000 METAL SOLDER MASK OPENING METAL UNDER SOLDER MASK SOLDER MASK OPENING EXPOSED METAL EXPOSED METAL SOLDER MASK DETAILS NON-SOLDER MASK DEFINED (PREFERRED) SOLDER MASK DEFINED |