| Moteur de recherche de fiches techniques de composants électroniques |
|
AM26LS32AI Fiches technique(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS32AI Fiches technique(HTML) 19 Page - Texas Instruments |
|
19 / 35 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) AM26LS33ACDR.A Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 26LS33AC AM26LS33ACN Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 AM26LS33ACN AM26LS33ACN.A Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 AM26LS33ACN AM26LS33AMFKB Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 7802004M2A AM26LS 33AMFKB AM26LS33AMFKB.A Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 7802004M2A AM26LS 33AMFKB AM26LS33AMJ Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 AM26LS33AMJ AM26LS33AMJ.A Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 AM26LS33AMJ AM26LS33AMJB Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-7802004ME A AM26LS33AMJB AM26LS33AMJB.A Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-7802004ME A AM26LS33AMJB AM26LS33AMWB Active Production CFP (W) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-7802004MF A AM26LS33AMWB AM26LS33AMWB.A Active Production CFP (W) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-7802004MF A AM26LS33AMWB (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 3 |