Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1601 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Fiches technique(HTML) 5 Page - STMicroelectronics

  STMPE1601 Datasheet HTML 1Page - STMicroelectronics STMPE1601 Datasheet HTML 2Page - STMicroelectronics STMPE1601 Datasheet HTML 3Page - STMicroelectronics STMPE1601 Datasheet HTML 4Page - STMicroelectronics STMPE1601 Datasheet HTML 5Page - STMicroelectronics STMPE1601 Datasheet HTML 6Page - STMicroelectronics STMPE1601 Datasheet HTML 7Page - STMicroelectronics STMPE1601 Datasheet HTML 8Page - STMicroelectronics STMPE1601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
STMPE1601
Pin settings
5/58
2
Pin settings
2.1
Pin connection
Figure 2.
Pin connection (bottom view)
2.2
Pin assignment and TFBGA ball location
1
2
3
4
5
TFBGA25
Table 2.
Pin assignment
Ball name
Name
Type
Description
E5
GPIO_0
I/O
GPIO 0/ KP_X0/ PWM_0
D4
GPIO_1
I/O
GPIO 1/ KP_X1/ PWM_1
D5
GPIO_2
I/O
GPIO 2/ KP_X2/ PWM_2
C4
GPIO_3
I/O
GPIO 3/ KP_X3/ PWM_3
A5
GPIO_4
I/O
GPIO 4/ KP_X4
A4
GPIO_5
I/O
GPIO 5/ KP_X5
B3
GPIO_6
I/O
GPIO 6/ KP_X6
A3
GPIO_7
I/O
GPIO 7/ KP_X7
A2
GPIO_8
I/O
GPIO 8/ KP_Y0
A1
GPIO_9
I/O
GPIO 9/ KP_Y1
B2
GPIO_10
I/O
GPIO 10/ KP_Y2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58