Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1601 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 7Page - STMicroelectronics STMPE1601 Datasheet HTML 8Page - STMicroelectronics STMPE1601 Datasheet HTML 9Page - STMicroelectronics STMPE1601 Datasheet HTML 10Page - STMicroelectronics STMPE1601 Datasheet HTML 11Page - STMicroelectronics STMPE1601 Datasheet HTML 12Page - STMicroelectronics STMPE1601 Datasheet HTML 13Page - STMicroelectronics STMPE1601 Datasheet HTML 14Page - STMicroelectronics STMPE1601 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
STMPE1601
Register map
11/58
5
Register map
All the registers have the size of 8-bit. For each of the module, their registers are residing
within the given address range.
Table 11.
Register map summary table
Address
Module register
Description
Auto-increment
(during read/write)
0x00 – 0x07
0x80 – 0x81
Clock and power
manager module
Clock and power manager register
range
Yes
0x10 – 0x1F
Interrupt controller
module
Interrupt controller register range
Yes
0x30 – 0x37
PWM controller module
PWM controller register range
Yes
0x38 – 0x3F
PWM controller module
PWM controller register range
No
0x60 – 0x6F
Keypad controller
module
Keypad controller register range
Yes
0x70 – 0x77
Rotator controller
module
Rotator controller register range
Yes
0x82 – 0xBF
GPIO controller module
GPIO controller register range
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58