| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE1601 Fiches technique(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1601 Fiches technique(HTML) 54 Page - STMicroelectronics |
|
54 / 58 page ![]() Miscellaneous features STMPE1601 54/58 15 Miscellaneous features 15.1 Reset The STMPE1601 is equipped with an internal POR circuit that holds the device in reset state, until the clock is steady and VCC input is valid. The host system may choose to reset the STMPE1601 by asserting the RESET_N pin. 15.2 Under voltage lockout The STMPE1601 is equipped with an internal UVLO (under voltage lockout) circuit that generates a RESET signal, when the main supply voltage falls below the allowed threshold. |