Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0225 Fiches technique(PDF) 6 Page - DFROBOT

No de pièce DFR0225
Description  Romeo V2‐All in one Controller (R3) (SKU:DFR0225)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0225 Fiches technique(HTML) 6 Page - DFROBOT

Back Button DFR0225 Datasheet HTML 2Page - DFROBOT DFR0225 Datasheet HTML 3Page - DFROBOT DFR0225 Datasheet HTML 4Page - DFROBOT DFR0225 Datasheet HTML 5Page - DFROBOT DFR0225 Datasheet HTML 6Page - DFROBOT DFR0225 Datasheet HTML 7Page - DFROBOT DFR0225 Datasheet HTML 8Page - DFROBOT DFR0225 Datasheet HTML 9Page - DFROBOT DFR0225 Datasheet HTML 10Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
"PLL Mode"
Pin
Function
Digital 4
Motor 1 Enable control
Digital 5
Motor 1 Direction control
Digital 6
Motor 2 Direction control
Digital 7
Motor 2 Enable control
PWM Control Mode
Fig4: PWM Motor Control Pin Allocation
The PWM DC motor control is implemented by manipulating two digital IO pins and two
PWM pins. As illustrated in the diagram above (Figure 5), Pin 4,7 (7,8 for old Romeo
version) are motor direction control pins, Pin 5,6 (6,9 for old Romeo version) are motor
speed control pins.
Sample Code:
//Standard PWM DC control
int E1 = 5;
//M1 Speed Control
int E2 = 6;
//M2 Speed Control
int M1 = 4;
//M1 Direction Control
int M2 = 7;
//M1 Direction Control
///For previous Romeo, please use these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11