Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0225 Fiches technique(PDF) 4 Page - DFROBOT

No de pièce DFR0225
Description  Romeo V2‐All in one Controller (R3) (SKU:DFR0225)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0225 Fiches technique(HTML) 4 Page - DFROBOT

  DFR0225 Datasheet HTML 1Page - DFROBOT DFR0225 Datasheet HTML 2Page - DFROBOT DFR0225 Datasheet HTML 3Page - DFROBOT DFR0225 Datasheet HTML 4Page - DFROBOT DFR0225 Datasheet HTML 5Page - DFROBOT DFR0225 Datasheet HTML 6Page - DFROBOT DFR0225 Datasheet HTML 7Page - DFROBOT DFR0225 Datasheet HTML 8Page - DFROBOT DFR0225 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Example use of Button S1‐S5
char msgs[5][15] = {
"Right Key OK ",
"Up Key OK
",
"Down Key OK
",
"Left Key OK
",
"Select Key OK" };
char start_msg[15] = {
"Start loop "};
int
adc_key_val[5] ={
30, 150, 360, 535, 760 };
int NUM_KEYS = 5;
int adc_key_in;
int key=-1;
int oldkey=-1;
void setup() {
pinMode(13, OUTPUT);
//we'll use the debug LED to output a heartbeat
Serial.begin(9600);
/* Print that we made it here */
Serial.println(start_msg);
}
void loop()
{
adc_key_in = analogRead(0);
// read the value from the sensor
digitalWrite(13, HIGH);
/* get the key */
key = get_key(adc_key_in);
// convert into key press
if (key != oldkey) {
// if keypress is detected
delay(50);
// wait for debounce time
adc_key_in = analogRead(0);
// read the value from the sensor
key = get_key(adc_key_in);
// convert into key press
if (key != oldkey) {



Html Pages

1 2 3 4 5 6 7 8 9 10 11