Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFR0225 Fiches technique(PDF) 3 Page - DFROBOT

No de pièce DFR0225
Description  Romeo V2‐All in one Controller (R3) (SKU:DFR0225)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFROBOT [DFROBOT]
Site Internet  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0225 Fiches technique(HTML) 3 Page - DFROBOT

  DFR0225 Datasheet HTML 1Page - DFROBOT DFR0225 Datasheet HTML 2Page - DFROBOT DFR0225 Datasheet HTML 3Page - DFROBOT DFR0225 Datasheet HTML 4Page - DFROBOT DFR0225 Datasheet HTML 5Page - DFROBOT DFR0225 Datasheet HTML 6Page - DFROBOT DFR0225 Datasheet HTML 7Page - DFROBOT DFR0225 Datasheet HTML 8Page - DFROBOT DFR0225 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RoMeo V2 Pinout
Fig1: Romeo V2 Pin Out
Power solution design
This motor controller power solution is specially designed for the robotics application.
Servo Power terminal
 It integrated an external servo power terminal. The range of this power input is about 5~12v.
We recommend you to use 5v. So the servo power supply extension won't break the digital
sensors connected to the 3p digital sensor interface. However,for driving 6~12v servos with
the voltage input higher than 5v, it's not available to extend 5v sensor on all the digital
sensor interface anymore.
 The servo power terminal won't supply system working voltage.
Motor Power terminal
The setting for the system & motor power switch:
 On: supply power to the motor driver and system power regulator. The input range is from
5~23 volts. It's suitable for most of robot platform.
 Off: Isolate the system power supply from the motor power. In this case, it requires to supply
system voltage from Micro USB port,5v power source to 5v & GND pins directly or 5~23v
power source to VIN & GND pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11