| Moteur de recherche de fiches techniques de composants électroniques |
|
LP5907 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5907 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LP590712QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D1 LP590712QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D1 LP590713QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D2 LP590713QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D2 LP590715QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D3 LP590715QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D3 LP590718QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D4 LP590718QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D4 LP590722QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 FV LP590722QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 FV LP590725QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D5 LP590725QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D5 LP5907285QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D7 LP5907285QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D7 LP590728QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D6 LP590728QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D6 LP590729QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D8 LP590729QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D8 LP590730QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D9 LP590730QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D9 LP590733QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DA LP590733QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DA LP590738QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DB LP590738QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DB LP590745QDQNRQ1 Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DC LP590745QDQNRQ1.B Active Production X2SON (DQN) | 4 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DC LP5907QMFX-1.2Q1 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 RAFQ LP5907QMFX-1.2Q1.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 RAFQ LP5907QMFX-1.2Q1.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 RAFQ Addendum-Page 1 |