Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 133 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 133 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 129Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 130Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 131Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 132Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 133Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 134Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 135Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 136Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 137Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 234 page
background image
Automotive analog & logic ICs
Multivibrators
Type number
Description
Features
Package (suffix)
74LVC1G123-Q100
Single retriggerable monostable multivibrator
1.65 - 5.5
± 32
3.5
-40 to 125
•
•
Schmitt-triggers
Type number
Description
Features
Package (suffix)
74AHC1G14-Q100
Single inverter Schmitt-trigger
2.0 - 5.5
± 8
3.2
-40 to 125
•
•
74AHCT1G14-Q100
Single inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
± 8
4.1
-40 to 125
•
•
74AHC3G14-Q100
Triple inverter Schmitt-trigger
2.0 - 5.5
± 8
3.2
-40 to 125
•
•
74AHCT3G14-Q100
Triple inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
± 8
4.1
-40 to 125
•
•
74AUP1G132-Q100
Single 2-input NAND gate; Schmitt-trigger
1.1 - 3.6
± 1.9
10
-40 to 125
•
74HC1G14-Q100
Single inverter Schmitt-trigger
2.0 - 6.0
± 2.6
10
-40 to 125
•
•
74HCT1G14-Q100
Single inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
± 2.0
15
-40 to 125
•
•
74HC2G14-Q100
Dual inverter Schmitt-trigger
2.0 - 6.0
± 5.2
16
-40 to 125
•
•
74HCT2G14-Q100
Dual inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
± 4.0
21
-40 to 125
•
•
74HC2G17-Q100
Dual buffer Schmitt-trigger
2.0 - 6.0
± 5.2
12
-40 to 125
•
•
74HCT2G17-Q100
Dual buffer Schmitt-trigger; TTL-enabled
4.5 - 5.5
± 4.0
21
-40 to 125
•
•
74HC3G14-Q100
Triple inverter Schmitt-trigger
2.0 - 6.0
± 5.2
16
-40 to 125
•
•
74HCT3G14-Q100
Triple inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
± 4.0
21
-40 to 125
•
•
74LVC1G14-Q100
Single inverter Schmitt-trigger
1.65 - 5.5
± 32
3.0
-40 to 125
•
•
•
74LVC1G17-Q100
Single buffer Schmitt-trigger
1.65 - 5.5
± 32
3.0
-40 to 125
•
•
•
74LVC2G14-Q100
Dual inverter Schmitt-trigger
1.65 - 5.5
± 32
3.9
-40 to 125
•
•
•
74LVC2G17-Q100
Dual buffer Schmitt-trigger
1.65 - 5.5
± 32
3.6
-40 to 125
•
•
74LVC3G17-Q100
Triple buffer Schmitt-trigger
1.65 - 5.5
± 32
3.6
-40 to 125
•
•
Types in
bold represent new products
133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More