| Moteur de recherche de fiches techniques de composants électroniques |
|
LSF0108 Fiches technique(PDF) 123 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 Fiches technique(HTML) 123 Page - Nexperia B.V. All rights reserved |
|
123 / 234 page ![]() Automotive analog & logic ICs Schmitt-triggers Type number Description Features Package (suffix) 74AHC14-Q100 Hex inverter Schmitt-trigger 2.0 - 5.5 ± 8 3.2 -40 to 125 • • • 74AHCT14-Q100 Hex inverter Schmitt-trigger; TTL-enabled 4.5 - 5.5 ± 8 4.0 -40 to 125 • • • 74AHC132-Q100 Quad 2-input NAND gate Schmitt-trigger 2.0 - 5.5 ± 8 3.3 -40 to 125 • • • 74AHCT132-Q100 Quad 2-input NAND gate Schmitt-trigger; TTL-enabled 4.5 - 5.5 ± 8 3.5 -40 to 125 • • • 74HC7014-Q100 Hex buffer precision Schmitt-trigger 2.0 - 6.0 ± 5.2 27 -40 to 125 • 74HC14-Q100 Hex inverter Schmitt-trigger 2.0 - 6.0 ± 5.2 12 -40 to 125 • • • 74HCT14-Q100 Hex inverter Schmitt-trigger; TTL-enabled 4.5 - 5.5 ± 4 17 -40 to 125 • • • 74HC132-Q100 Quad 2-input NAND gate Schmitt-trigger 2.0 - 6.0 ± 5.2 11 -40 to 125 • • • 74HCT132-Q100 Quad 2-input NAND gate Schmitt-trigger; TTL-enabled 4.5 - 5.5 ± 4 17 -40 to 125 • • • 74HC7541-Q100 Octal buffer/line driver Schmitt-trigger (3-State) 2.0 - 6.0 ± 7.8 11 -40 to 125 • • 74HCT7541-Q100 Octal buffer/line driver Schmitt-trigger; TTL-enabled (3-State) 4.5 - 5.5 ± 6 16 -40 to 125 • • 74LV132-Q100 Quad 2-input NAND gate Schmitt-trigger 1.0 - 5.5 ± 12 10 -40 to 125 • • • 74LVC14A-Q100 Hex inverter Schmitt-trigger 1.2 - 3.6 ± 24 3.2 -40 to 125 • • • 74LVC132A-Q100 Quad 2-input NAND gate Schmitt-trigger 1.2 - 3.6 ± 24 3.4 -40 to 125 • • • HEF40106B-Q100 Hex inverter Schmitt-trigger 4.5 - 15.5 ± 2.4 30 -40 to 85 • • 123 |