| Moteur de recherche de fiches techniques de composants électroniques |
|
DM300019 Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300019 Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 50 page ![]() dsPICDEM™ 80-Pin Starter Development Board User’s Guide DS51584B-page 12 © 2006 Microchip Technology Inc. 2.4 CREATING THE PROJECT The first step is to create a project and a workspace in MPLAB IDE. Typically, there is one project in one workspace. A project contains the files needed to build an application (source code, linker script files, etc.) along with their associations to various build tools and build options. A workspace contains one or more projects and information on the selected device, debug tool and/or programmer, open windows and their location and other MPLAB IDE configuration settings. MPLAB IDE contains a Project Wizard to help create new projects. Before starting, create a folder named Tutorial for the project files for this tutorial (C:\Tutorial is assumed in the instructions that follow). From the Example Code\Tutorial Code directory on the Development Kit Software CD-ROM, copy the Eg1_BlinkLed.s file into this folder. 2.4.1 Select a Device 1. Start MPLAB IDE. 2. Close any workspace that might be open (File>Close Workspace). 3. From the Project menu, select Project Wizard. 4. From the Welcome screen, click Next to display the Project Wizard Step One dialog (see Figure 2-1). FIGURE 2-1: PROJECT WIZARD, STEP 1, SELECT A DEVICE 5. From the Device: pull-down list, select dsPIC30F6014A and click Next >. The Project Wizard Step Two dialog displays as shown in Figure 2-2. Note: These instructions presume the use of MPLAB 7.20 or newer. |