Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM300019 Fiches technique(PDF) 35 Page - Microchip Technology

No de pièce DM300019
Description  Starter Development Board Userís Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300019 Fiches technique(HTML) 35 Page - Microchip Technology

Back Button DM300019 Datasheet HTML 31Page - Microchip Technology DM300019 Datasheet HTML 32Page - Microchip Technology DM300019 Datasheet HTML 33Page - Microchip Technology DM300019 Datasheet HTML 34Page - Microchip Technology DM300019 Datasheet HTML 35Page - Microchip Technology DM300019 Datasheet HTML 36Page - Microchip Technology DM300019 Datasheet HTML 37Page - Microchip Technology DM300019 Datasheet HTML 38Page - Microchip Technology DM300019 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Demonstration Program Operation
© 2006 Microchip Technology Inc.
DS51584B-page 31
If any of these tests fail, then at the end of the Tone test the LED corresponding to the
failed test will blink slowly (2 blinks/sec). For example, if RD4 blinks, it means that the
UART test failed. The table below correlates the blinking LED with each test and
indicates the possible cause for the failure:
If all tests passed, then none of the LEDs will blink.
Blinking LED
Test Failed
Reasons for Failure
RD4
UART
UART driver chip failed; UART shorting
jumper not connected on J1
RD5
Keypad
S1 and S2 not working properly
RD6
Potentiometer
Potentiometer R13 faulty
RD7
Digital Potentiometer/Op Amp Digital Potentiometer/Op Amp failed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50