Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM300019 Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce DM300019
Description  Starter Development Board Userís Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300019 Fiches technique(HTML) 19 Page - Microchip Technology

Back Button DM300019 Datasheet HTML 15Page - Microchip Technology DM300019 Datasheet HTML 16Page - Microchip Technology DM300019 Datasheet HTML 17Page - Microchip Technology DM300019 Datasheet HTML 18Page - Microchip Technology DM300019 Datasheet HTML 19Page - Microchip Technology DM300019 Datasheet HTML 20Page - Microchip Technology DM300019 Datasheet HTML 21Page - Microchip Technology DM300019 Datasheet HTML 22Page - Microchip Technology DM300019 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
Tutorial
© 2006 Microchip Technology Inc.
DS51584B-page 15
2.4.4
Add Files to Project
1. From the list of folders on the PC, locate the C:\Tutorial folder and select the
Eg1_BlinkLed.s
file.
2. Click Add>> to include the file in the project.
3. Expand the C:\Program Files\Microchip\MPLAB ASM30
Suite\Support\gld
folder and select the p30f6014a.gld file.
4. Click Add>> to include this file in the project. There should now be two files in
the project.
5. Click Next > to continue.
6. When the summary screen displays, click Finish.
After the project wizard completes, the MPLAB project window shows the
Eg1_BlinkLed.s
file in the Source Files folder and the p30f6014a.gld file in the
Linker Scripts folder (see Figure 2-5).
FIGURE 2-5:
PROJECT WINDOW
A project and workspace has now been created in MPLAB IDE. MyProject.mcw is
the workspace file and MyProject.mcp is the project file. Double click the
Eg1_BlinkLed.s
file in the project window to open the file. MPLAB IDE should now
look similar to Figure 2-6.
FIGURE 2-6:
MPLAB® IDE WORKSPACE
Project
Window
Output
Window
Source
Window
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50