Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM160218 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 10Page - Microchip Technology DM160218 Datasheet HTML 11Page - Microchip Technology DM160218 Datasheet HTML 12Page - Microchip Technology DM160218 Datasheet HTML 13Page - Microchip Technology DM160218 Datasheet HTML 14Page - Microchip Technology DM160218 Datasheet HTML 15Page - Microchip Technology DM160218 Datasheet HTML 16Page - Microchip Technology DM160218 Datasheet HTML 17Page - Microchip Technology DM160218 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
MGC3130 Hillstar Development Kit User’s Guide
DS40001721A-page 14
 2013 Microchip Technology Inc.
The Hillstar Development Kit provides an artificial test hand, further called hand brick,
helping to stimulate the human hand operating the GestIC application. The hand brick
has to be used during the design-in process to parametrize and evaluate customer’s
applications. The hand brick’s surface is conductive and connected to GND via cable
in order to reproduce the grounding conditions of the human body.
1.3
HILLSTAR DEVELOPMENT KIT PACKAGE CONTENT
The Hillstar Development Kit package content is listed below:
• MGC3130 Module
•I2C to USB Bridge Module
• 4-layer reference electrode (95x60 mm sensitive area)
• ‘Hand brick’ set (self-assembly, four foam blocks, one copper foil)
• USB Cable for PC connection
FIGURE 1-1:
HILLSTAR DEVELOPMENT KIT
The ‘hand brick’ set is used during the design-in process for sensor calibration and
performance evaluation purposes. For usage and assembly information, refer to
Appendix C. “Parameterization Support”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50