| Moteur de recherche de fiches techniques de composants électroniques |
|
DM160218 Fiches technique(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM160218 Fiches technique(HTML) 31 Page - Microchip Technology |
|
31 / 50 page ![]() Design In: Hillstar In Target Application 2013 Microchip Technology Inc. DS40001721A-page 31 FIGURE 4-3: MGC3130 PARAMETERIZATION CIRCUIT FOR USB BASED APPLICATIONS Customer application Application Processor For debugging and parametetrization purposes USB cable To electrodes TS I²C SDA I²C SCL Reset MGC 3130 I 2C client AUREA USB to I²C (CDC/HID) TABLE 4-1: MGC3130 PARAMETERIZATION CIRCUITS COMPARISON Parameterization Circuit Advantages Drawbacks With Internal Switch Easy Approach Processor pins need to be switchable to high Z Low hardware efforts No other clients can be controlled during Aurea access With External Switch Communication to other I2C™ clients not interrupted Additional hardware switch USB Based Applications No hardware efforts Additional software efforts Works if other I2C™ clients connected to the bus |