| Moteur de recherche de fiches techniques de composants électroniques |
|
DM160218 Fiches technique(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM160218 Fiches technique(HTML) 43 Page - Microchip Technology |
|
43 / 50 page ![]() MGC3130 HILLSTAR DEVELOPMENT KIT USER’S GUIDE 2013 Microchip Technology Inc. DS40001721A-page 43 Appendix C. Parameterization Support C.1 HOW TO BUILD A HAND BRICK For parameterization and performance evaluation of the customer’s electrode design, the Hillstar Development Kit contains a set of hand and spacer bricks. The hand brick is a conductive block of 40x40x70 mm and represents a human hand. It must be connected to ground via cable in order to simulate the grounding conditions of the human body. The Hillstar package contains an assembly set to build the hand brick consisting of a Styrofoam block (40x40x70 mm) and an adhesive copper foil. The following section explains how to assemble the hand brick. 1. Take the copper layer and the Styrofoam block with the dimensions of (40x40x70 mm). 2. Revert the copper layer and remove the glue foil. |