Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REG103FA-A/500 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce REG103FA-A/500
Description  DMOS 500mA Low-Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

REG103FA-A/500 Fiches technique(HTML) 3 Page - Texas Instruments

  REG103FA-A/500 Datasheet HTML 1Page - Texas Instruments REG103FA-A/500 Datasheet HTML 2Page - Texas Instruments REG103FA-A/500 Datasheet HTML 3Page - Texas Instruments REG103FA-A/500 Datasheet HTML 4Page - Texas Instruments REG103FA-A/500 Datasheet HTML 5Page - Texas Instruments REG103FA-A/500 Datasheet HTML 6Page - Texas Instruments REG103FA-A/500 Datasheet HTML 7Page - Texas Instruments REG103FA-A/500 Datasheet HTML 8Page - Texas Instruments REG103FA-A/500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REG103
3
SBVS010D
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TJ = –40°C to +85°C.
At TJ = +25°C, VIN = VOUT + 1V (VOUT = 3.0V for REG103-A), VENABLE = 2V, IOUT = 10mA, CNR = 0.01µF, and COUT = 0.1µF(1), unless otherwise noted.
REG103GA, UA, FA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
Output Voltage Range
VOUT
REG103-2.5
2.5
V
REG103-2.7
2.7
V
REG103-3.0
3.0
V
REG103-3.3
3.3
V
REG103-5
5V
REG103-A
VREF
5.5
V
Reference Voltage
VREF
1.295
V
Adjust Pin Current
IADJ
0.2
1
µA
Accuracy
±0.5
±2%
TJ = –40°C to +85°C
±2.8
%
vs Temperature
dVOUT/dT
TJ = –40°C to +85°C70
ppm/
°C
vs Line and Load
IOUT = 10mA to 500mA, VIN = (VOUT + 0.7V) to 15V
±0.5
±2.5
%
TJ = –40°C to +85°CVIN = (VOUT + 0.9V) to 15V
±3.5
%
DC DROPOUT VOLTAGE(2, 3)
VDROP
IOUT = 10mA
3
25
mV
For all models except 5V
IOUT = 500mA
115
200
mV
For 5V model
IOUT = 500mA
160
250
mV
For all models except 5V
IOUT = 500mA
230
mV
TJ = –40°C to +85°C
For 5V models
IOUT = 500mA
280
mV
TJ = –40°C to +85°C
VOLTAGE NOISE
f = 10Hz to 100kHz
Vn
Without CNR (all models)
CNR = 0, COUT = 0
30
µVrms/V • V
OUT
µVrms
With CNR (all fixed voltage models)
CNR = 0.01µF, COUT = 10µF10µVrms/V • VOUT
µVrms
OUTPUT CURRENT
Current Limit(4)
ICL
550
700
950
mA
TJ = –40°C to +85°C
500
1000
mA
RIPPLE REJECTION
f = 120Hz
65
dB
ENABLE CONTROL
VENABLE HIGH (output enabled)
VENABLE
2VIN
V
VENABLE LOW (output disabled)
–0.2
0.5
V
IENABLE HIGH (output enabled)
IENABLE
VENABLE = 2V to VIN, VIN = 2.1V to 6.5(5)
1
100
nA
IENABLE LOW (output disabled)
VENABLE = 0V to 0.5V
2
100
nA
Output Disable Time
50
µs
Output Enable Soft Start Time
1.5
ms
ERROR FLAG(6)
Current, Logic HIGH (open drain)—Normal Operation
VIN = VERROR = VOUT + 1V
0.1
10
µA
Voltage, Logic LOW—On Error
Sinking 500
µA
0.2
0.4
V
THERMAL SHUTDOWN
Junction Temperature
Shutdown
150
°C
Reset from Shutdown
130
°C
GROUND PIN CURRENT
Ground Pin Current
IGND
IOUT = 10mA
0.5
0.7
mA
IOUT = 500mA
1
1.3
mA
ENABLE Pin LOW
VENABLE ≤ 0.5V
0.5
µA
INPUT VOLTAGE
VIN
Operating Input Voltage Range(7)
2.1
15
V
Specified Input Voltage Range
VIN > 2.7V
VOUT + 0.7
15
V
TJ = –40°C to +85°CVIN > 2.9V
VOUT + 0.9
15
V
TEMPERATURE RANGE
Specified Range
TJ
–40
+85
°C
Operating Range
–55
+125
°C
Storage Range
–65
+150
°C
Thermal Resistance
DDPAK-5 Surface-Mount
θ
JC
Junction-to-Case
4
°C/W
SO-8 Surface-Mount
θ
JA
Junction-to-Ambient
150
°C/W
SOT223-5 Surface-Mount
θ
JC
Junction-to-Case
15
°C/W
NOTES: (1) The REG103 does not require a minimum output capacitor for stability. However, transient response can be improved with proper capacitor selection.
(2) Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT + 1V at
fixed load.
(3) Not applicable for VOUT less than 2.7V.
(4) Current limit is the output current that produces a 10% change in output voltage from VIN = VOUT + 1V and IOUT = 10mA.
(5) For VIN > 6.5V, see typical characteristic VENABLE vs IENABLE.
(6) Logic low indicates out-of-regulation condition by approximately 10%, or thermal shutdown.
(7) The REG103 no longer regulates when VIN < VOUT + VDROP (MAX). In drop-out or when the input voltage is between 2.7V and 2.1V, the impedance from VIN to
VOUT is typically less than 1Ω at TJ = +25°C. See typical characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com