Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REG103FA-A/500 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce REG103FA-A/500
Description  DMOS 500mA Low-Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

REG103FA-A/500 Fiches technique(HTML) 2 Page - Texas Instruments

  REG103FA-A/500 Datasheet HTML 1Page - Texas Instruments REG103FA-A/500 Datasheet HTML 2Page - Texas Instruments REG103FA-A/500 Datasheet HTML 3Page - Texas Instruments REG103FA-A/500 Datasheet HTML 4Page - Texas Instruments REG103FA-A/500 Datasheet HTML 5Page - Texas Instruments REG103FA-A/500 Datasheet HTML 6Page - Texas Instruments REG103FA-A/500 Datasheet HTML 7Page - Texas Instruments REG103FA-A/500 Datasheet HTML 8Page - Texas Instruments REG103FA-A/500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REG103
2
SBVS010D
ABSOLUTE MAXIMUM RATINGS(1)
Supply Input Voltage, VIN ....................................................... –0.3V to 16V
Enable Input Voltage, VEN ....................................................... –0.3V to VIN
Feedback Voltage, VFB ........................................................ –0.3V to 6.0V
NR Pin Voltage, VNR ............................................................. –0.3V to 6.0V
Error Flag Output ..................................................................... –0.3V to 6V
Error Flag Current ............................................................................... 2mA
Output Short-Circuit Duration ...................................................... Indefinite
Operating Temperature Range ....................................... –55
°C to +125°C
Storage Temperature Range .......................................... –65
°C to +150°C
Junction Temperature ..................................................... –55
°C to +150°C
Lead Temperature (soldering, 3s, SO-8, SOT, and DDPAK) ........ +240
°C
ESD Rating: HBM (VOUT to GND) ..................................................... 1.5kV
HBM (All other pins) ........................................................ 2kV
CDM .............................................................................. 500V
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PIN CONFIGURATIONS
Top View
V
OUT
V
OUT
NR/Adjust(1)
GND
V
IN
V
IN
ERROR
ENABLE
SO-8
1
2
3
4
8
7
6
5
NOTE: (1) For REG103A-A: voltage setting resistor pin.
All other models: noise reduction capacitor pin.
GND
ENABLE
V
IN
NR/Adjust(1)
V
O
123 4 5
DDPAK-5
SOT223-5
(U Package)
(F Package)
(G Package)
Tab is GND
Tab is GND
ENABLE
NR/Adjust(1)
GND
V
IN
12
3
4
5
V
OUT
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
VOUT
REG103xx-
yyyy/zzz
XX is package designator.
YYYY is typical output voltage (5 = 5.0V, 2.85 = 2.85V, A = Adjustable).
ZZZ is package quantity.
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com