Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REG103FA-A/500 Fiches technique(PDF) 24 Page - Texas Instruments

No de pièce REG103FA-A/500
Description  DMOS 500mA Low-Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

REG103FA-A/500 Fiches technique(HTML) 24 Page - Texas Instruments

Back Button REG103FA-A/500 Datasheet HTML 20Page - Texas Instruments REG103FA-A/500 Datasheet HTML 21Page - Texas Instruments REG103FA-A/500 Datasheet HTML 22Page - Texas Instruments REG103FA-A/500 Datasheet HTML 23Page - Texas Instruments REG103FA-A/500 Datasheet HTML 24Page - Texas Instruments REG103FA-A/500 Datasheet HTML 25Page - Texas Instruments REG103FA-A/500 Datasheet HTML 26Page - Texas Instruments REG103FA-A/500 Datasheet HTML 27Page - Texas Instruments REG103FA-A/500 Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(6)
(1.27) TYP
(R0.05) TYP
5X (2.05)
5X (0.65)
(0.755)
4X (1.31)
4X (0.92)
(0.56) TYP
SOT - 1.8 mm max height
DCQ0006A
PLASTIC SMALL OUTLINE
4214845/C 11/2021
NOTES: (continued)
7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
8. Board assembly site may have different recommendations for stencil design.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE: 10X
SYMM
SYMM
1
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com