Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS451AC Fiches technique(PDF) 58 Page - List of Unclassifed Manufacturers

No de pièce FS451AC
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FS451AC Fiches technique(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button FS451AC Datasheet HTML 52Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 53Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 54Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 55Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 56Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 57Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 58Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 59Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 60Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
58
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
9. Mechanical Dimensions
9.1 100-Lead PQFP (KH) Package
Symbol
Inches
Millimeters
Notes
Min.
Max.
Min.
Max.
A
3.00
A1
0.05
-
A2
2.55
2.75
B
0.25
0.40
3,5
C
0.10
0.25
5
D
23.60
24.20
D1
19.80
20.20
E
17.30
18.20
E1
13.80
14.20
e
0.65 BSC
L
0.60
1.00
4
N
100
100
ND
30
30
NE
20
20
α
0
8
°
ccc
-
Notes:
1.
All dimensions and tolerances
conform to ANSI Y14.5M-1982.
2.
Controlling Dimension is millimeters
3.
Dimension “B” does not include
dambar protrusion. Allowable
dambar protrusion shall be .08mm
(.003in.) maximum in excess of the
“B” dimension. Dambar cannot be
located on the lower radius or the
foot.
4.
“L” is the length of terminal for
soldering to a substrate.
5.
“b” & “C” include lead finish
thickness.
Figure 13: Package Outline & Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60