Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS451AC Fiches technique(PDF) 45 Page - List of Unclassifed Manufacturers

No de pièce FS451AC
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FS451AC Fiches technique(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button FS451AC Datasheet HTML 41Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 42Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 43Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 44Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 45Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 46Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 47Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 48Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
45
COPYRIGHT
©
© 1999,2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.33 Active Video Line (71-72), First Video Line (73)
Unused (70)
Active Video Line (71)
7
6
5
4
3
2
1
0
ACT_LINE10
ACT_LINE9
ACT_LINE8
ACT_LINE7
ACT_LINE6
ACT_LINE5
ACT_LINE4
ACT_LINE3
Active Video Line (72)
7
6
5
4
3
2
1
0
0
0
0
0
0
ACT_LINE2
ACT_LINE1
ACT_LINE0
First Video Line (73)
7
6
5
4
3
2
1
0
1ST_LINE7
1ST_LINE6
1ST_LINE5
1ST_LINE4
1ST_LINE3
1ST_LINE2
1ST_LINE1
1ST_LINE0
Reg
Bit#
Bit Name
Description
71, 72
7-0, 2-0
ACT_LINE10-0
Active Video Line. Number of 27MHz clocks in active video line
(1440 setting refers to 720 of luma pixels and 720 chroma (Cb
and Cr) pixels; the LSB bits [1:0] are tied to zero).
73
7-0
1ST_LINE7-0
First Line of Video. Line number for the first line of video in a
field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60