Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS451AC Fiches technique(PDF) 22 Page - List of Unclassifed Manufacturers

No de pièce FS451AC
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FS451AC Fiches technique(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button FS451AC Datasheet HTML 18Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 19Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 20Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 21Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 22Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 23Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 24Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 25Page - List of Unclassifed Manufacturers FS451AC Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
22
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
6.2.5 HDSC, HUSC – Horizontal Down/Up Scaling Coefficients
Horizontal Down Coefficient (8)
7
6
5
4
3
2
1
0
HDSC7
HDSC6
HDSC5
HDSC4
HDSC3
HDSC2
HDSC1
HDSC0
Horizontal Up Coefficient (9)
7
6
5
4
3
2
1
0
HUSC7
HUSC6
HUSC5
HUSC4
HUSC3
HUSC2
HUSC1
HUSC0
Reg
Bit#
Bit Name
Description
8
7-0
HDSC7-0
Horizontal down scaling coefficient bits [7:0]. Horizontal down
scaling factor = (1 + VSC/128). HDSC is a two's complement
number. If HDSC => 0, then the image is not effected.
9
7-0
HUSC7-0
Horizontal up scaling coefficient bits [7:0]. Horizontal up
scaling factor = (1 + VSC/128). HDSC is a two's complement
number. If HDSC <= 0, then the image is not effected.
HDSC Range: { [-63]:0 }
HUSC Range: { 0:127 }



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60