| Moteur de recherche de fiches techniques de composants électroniques |
|
H7CX-ASD Fiches technique(PDF) 41 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-ASD Fiches technique(HTML) 41 Page - Omron Electronics LLC |
|
41 / 43 page ![]() Multifunction Preset Counter H7CX C-127 I Lists of Settings Fill in your set values in the set value column of the following tables and utilize the tables for quick reference. Configuration Selection Mode Note: 1. The setting range varies with the model. 2. The default value for H7CX-AW @/-A4W@ models is 2cnt. Settings for Counter Operation Run Mode • 1-stage Counter • 2-stage Counter • Total and Preset Counter • Batch Counter Parameter name Parameter Setting range Default value Unit Set value Configuration selection func 1cnt /2cnt/tcnt/bcnt/dcnt/taco (See note 1.) 1cnt (See note 2.) --- DIP switch monitor dip on /off off --- --- Parameter name Parameter Setting range Default value Unit Set value Present value, set value Present value --- -99999 to 999999 (-999 to 9999) 0 -- --- Set value --- 0 to 999999 (0 to 9999) (For conditions other than those described in note 1.) 0 --- -99999 to 999999 (-999 to 9999) (See note 1.) Parameter name Parameter Setting range Default value Unit Set value Present value, set value 1 Present value --- -99999 to 999999 (-999 to 9999) 0 --- --- Set value 1 --- 0 to 999999 (0 to 9999) (For conditions other than those described in note 1.) 0 --- -99999 to 999999 (-999 to 9999) (See note 1.) 0 Present value, set value 2 Present value --- -99999 to 999999 (-999 to 9999) 0 --- --- Set value 2 --- 0 to 999999 (0 to 9999) (For conditions other than those described in note 1.) 0 --- -99999 to 999999 (-999 to 9999) (See note 1.) 0 Parameter name Parameter Setting range Default value Unit Set value Present value, set value Present value --- -99999 to 999999 (-999 to 9999) 0 --- --- Set value --- 0 to 999999 (0 to 9999) (For conditions other than those described in note 1.) 0 --- -99999 to 999999 (-999 to 9999) (See note 1.) Total count value --- -99999 to 999999 (-999 to 9999) 0 --- --- Parameter name Parameter Setting range Default value Unit Set value Present value, set value Present value --- -99999 to 999999 (-999 to 9999) 0 --- --- Set value --- 0 to 999999 (0 to 9999) (For conditions other than those described in note 1.) 0 --- -99999 to 999999 (-999 to 9999) (See note 1.) Batch count value, batch count set value Batch count value --- 0 to 999999 (0 to 9999) 0 --- --- Batch count set value --- 0 to 999999 (0 to 9999) 0 --- |