| Moteur de recherche de fiches techniques de composants électroniques |
|
H7CX-ASD Fiches technique(PDF) 19 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CX-ASD Fiches technique(HTML) 19 Page - Omron Electronics LLC |
|
19 / 43 page ![]() Multifunction Preset Counter H7CX C-105 I Operating Environment • Use the product within the ratings specified for submerging in water and exposure to oil. • Do not use the product in locations subject to vibrations or shocks. Using the product in such locations over a long period may result in damage due to stress. • Do not use the product in locations subject to dust, corrosive gases, or direct sunlight. • Separate the input signal devices, input signal cables, and the product from the source of noise or high-tension cables producing noise. • Separate the product from the source of static electricity when using the product in an environment where a large amount of static electricity is produced (e.g., forming compounds, powders, or fluid materials being transported by pipe). • Organic solvents (such as paint thinner), as well as very acidic or basic solutions might damage the outer casing of the H7CX. • Use the product within the ratings specified for temperature and humidity. • Do not use the product in locations where condensation may occur due to high humidity or where temperature changes are severe. • Store at the specified temperature. If the H7CX has been stored at a temperature of less than -10 °C, allow the H7CX to stand at room temperature for at least 3 hours before use. • Leaving the H7CX with outputs ON at a high temperature for a long time may hasten the degradation of internal parts (such as electro- lytic capacitors). Therefore, use the product in combination with relays and avoid leaving the product as long as more than 1 month with the output turned ON. • The load current must be within the rated current. I Insulation • Specifications call for basic insulation between the power supply and input terminals, between the power supply and output termi- nals, and between the input and output terminals. (The H7CX-A @D is not insulated between the power supply and input terminals.) • Input and output terminals are connected to devices without exposed charged parts. • Input and output terminals are connected to devices with basic insulation that is suitable for the maximum operating voltage. X1 T X2 X2/b T/a X1/a X1/a X Auxiliary relay (e.g., MY Relay) |