Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H7CX-ASD Fiches technique(PDF) 16 Page - Omron Electronics LLC

No de pièce H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Fiches technique(HTML) 16 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 12Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 13Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 14Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 15Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 16Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 17Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 18Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 19Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
C-102
Multifunction Preset Counter
H7CX
Note: 1. Depending on the operating environment, the condition of
the Soft Cover may deteriorate, and it may shrink or become
harder. Therefore, it is recommended that the Soft Cover is
replaced regularly.
2. The H7CX’s panel surface is water-resistive (conforming to
IP66) and so even if drops of water penetrate the gaps be-
tween the keys, there will be no adverse effect on internal
circuits. If, however, there is a possibility of oil being present
on the operator’s hands, use the Soft Cover. The Soft Cover
ensures protection equivalent to IP54F against oil. Do not,
however, use the H7CX in locations where it would come in
direct contact with oil.
Hard Cover
Y92A-48
Soft Cover
Y92A-48F1
Y92F-30
Y92S-29
Flush Mounting Adapter
(provided with screw-terminal models)
Waterproof Packing
(provided with screw-terminal models)
4.5
15
25
25
25
25 *
10
10
7.3
±0.15
35
±0.3
27
±0.15
1
4.5
15
25
25
25
25
15
10
10
1,000
27
24
16
29.2
1
1.5
50
11.5
10
6.2
1.8
1
35.5 35.3
1.8
1.3
4.8
5
16
12
44.3
16.5
10
34.8
35
±0.3
Mounting Track
PFP-100N, PFP-50N
PFP-100N2
End Plate
PFP-M
Spacer
PFP-S
Note: The values shown in parentheses are for the PFP-50N.
1,000 (500)
(see note)
M4 x 8
pan head
screw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43