Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175ALF-DS-R04 Fiches technique(PDF) 53 Page - List of Unclassifed Manufacturers

No de pièce IP175ALF-DS-R04
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R04 Fiches technique(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R04 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 55Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 56Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
IP175A LF
Preliminary Data Sheet
53/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
5
Electrical Characteristics
5.1
Absolute Maximum Rating
Stresses exceed those values listed under Absolute Maximum Ratings may cause permanent damage to
the device. Functional performance and device reliability are not guaranteed under these conditions. All
voltages are specified with respect to GND.
Supply Voltage
–0.3V to 4.0V
Input Voltage
–0.3V to 5.0V
Output Voltage
–0.3V to 5.0V
Storage Temperature
-65
°C to 150°C
Ambient Operating Temperature (Ta)
0
°C to 70°C
5.2
DC Characteristic
Operating Conditions
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
VCC
2.0
2.15
2.625
V
Supply Voltage
VCC_IO
3.1
3.5
V
Pin 120 REG_OUT is not used.
Supply Voltage
VCC_IO
3.3
3.5
V
Pin 120 REG_OUT is used.
Operation Junction
Temperature
Tj
0
70
125
℃
Power Consumption
1.485
W
VCC=2.25v
Input Clock
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Frequency
25
MHz
Frequency Tolerance
-50
+50
PPM
I/O Electrical Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Output Low Voltage
VOL
0.4
V
IOH=4mA, VCC_IO_x=3.3V
Output High Voltage
VOH
2.4
V
IOL=4mA, VCC_IO_x=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60