Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175ALF-DS-R04 Fiches technique(PDF) 44 Page - List of Unclassifed Manufacturers

No de pièce IP175ALF-DS-R04
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R04 Fiches technique(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R04 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
IP175A LF
Preliminary Data Sheet
44/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
ROM
MII
Pin name
Description
Default
EEPROM registers 13H
13.3
--
P3_FORCE
Port3 force mode enable
1: enable force mode
0: disable force mode, port3 NWAY with all capability
0
13.2
--
P2_FORCE
Port2 force mode enable
1: enable force mode
0: disable force mode, port2 NWAY with all capability
0
13.1
--
P1_FORCE
Port1 force mode enable
1: enable force mode
0: disable force mode, port1 NWAY with all capability
0
13.0
--
P0_FORCE
Port0 force mode enable
1: enable force mode
0: disable force mode, port0 NWAY with all capability
0
ROM
MII
Pin name
Description
Default
EEPROM registers 14H
14[7:5]
--
--
Don’t care
14.4
--
P4_FORCE100
Force port4 to be 100M
1: force to be 100M
0: force to be 10M
It is valid only if p4_force (13H[4]) is set to 1’b1.
0
14.3
--
P3_FORCE100
Force port3 to be 100M
1: force to be 100M
0: force to be 10M
It is valid only if p3_force (13H[3]) is set to 1’b1.
0
14.2
--
P2_FORCE100
Force port2 to be 100M
1: force to be 100M
0: force to be 10M
It is valid only if p2_force (13H[2]) is set to 1’b1.
0
14.1
--
P1_FORCE100
Force port1 to be 100M
1: force to be 100M
0: force to be 10M
It is valid only if p1_force (13H[1]) is set to 1’b1.
0
14.0
--
P0_FORCE100
Force port0 to be 100M
1: force to be 100M
0: force to be 10M
It is valid only if p0_force (13H[0]) is set to 1’b1.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60