Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175ALF-DS-R04 Fiches technique(PDF) 40 Page - List of Unclassifed Manufacturers

No de pièce IP175ALF-DS-R04
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R04 Fiches technique(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R04 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175ALF-DS-R04 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
IP175A LF
Preliminary Data Sheet
40/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
ROM
MII
Pin name
Description
(Transceiver verification register 2)
Default
EEPROM registers 0BH
B.4
12.6
Update_r4_en
(LED_SPEED[0])
Update_r4_en,
Change capability enable
A full duplex port will change its capability to half duplex, if
the remote full duplex port does not support 802.3x and this
function is enable.
1: enable, 0: disable
0
B.3
--
--
Reserved
0
B.2
--
--
Reserved
0
B.1
--
--
Reserved
0
B.0
--
--
Reserved
0
ROM
MII
Pin name
Description
(Testing & verify mode register 1)
Default
EEPROM registers 0CH
C.7
--
--
Reserved
0
C.6
--
--
Reserved
0
C[5:0]
--
--
Reserved
6’b0
ROM
MII
Pin name
Description
(Testing & verify mode register 2)
Default
EEPROM registers 0DH
D[7:3]
--
--
Reserved
0
D.2
--
--
Reserved
1
D.1
--
--
Reserved
0
D.0
--
--
Reserved
0
D.0
--
--
Reserved
1
ROM
MII
Pin name
Description
(VLAN register 0)
Default
EEPROM registers 0EH
E.7
--
--
Don’t care
E.6
13.14
--
Port0 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port0 are handled as high
priority packets.
1’b0
E.5
13.13
--
Port0 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port0 are handled as high priority
packets.
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60