| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP461-SP Fiches technique(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP461-SP Fiches technique(HTML) 34 Page - Texas Instruments |
|
34 / 36 page ![]() www.ti.com PACKAGE OUTLINE C (4.7) 2.62 MAX 8X 1.27 (7.02) 2X 5.08 10X 0.48 0.38 0.16 0.10 0.85 0.67 22.7 MAX (4.3) (6.62) B 7.06 6.66 A 7.27 6.77 (6.248) (6.248) CFP - 2.63mm max height HKU0010A CERAMIC DUAL FLATPACK 4226200/A 09/2020 NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. This package is hermetically sealed with a metal lid. 4. The terminals are gold plated. 5. This drawing does not comply with MIL STD 1835. Do not use this package for compliant product. 6. Metal lid is connected to back side pad metalization. 1 10 5 6 PIN 1 ID 0.2 C A B METAL LID PIN 1 ID 1 10 5 6 BACK SIDE PAD METALIZATION (THERMAL PAD) |