Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP461-SP Fiches technique(PDF) 33 Page - Texas Instruments

No de pièce TMP461-SP
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461-SP Fiches technique(HTML) 33 Page - Texas Instruments

Back Button TMP461-SP Datasheet HTML 28Page - Texas Instruments TMP461-SP Datasheet HTML 29Page - Texas Instruments TMP461-SP Datasheet HTML 30Page - Texas Instruments TMP461-SP Datasheet HTML 31Page - Texas Instruments TMP461-SP Datasheet HTML 32Page - Texas Instruments TMP461-SP Datasheet HTML 33Page - Texas Instruments TMP461-SP Datasheet HTML 34Page - Texas Instruments TMP461-SP Datasheet HTML 35Page - Texas Instruments TMP461-SP Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-1721801VXC
HKU
CFP
10
25
506.98
26.16
6220
NA
5962-1721801VXC.A
HKU
CFP
10
25
506.98
26.16
6220
NA
5962R1721801VXC
HKU
CFP
10
25
506.98
26.16
6220
NA
5962R1721801VXC.A
HKU
CFP
10
25
506.98
26.16
6220
NA
TMP461HKU/EM
HKU
CFP
10
25
506.98
26.16
6220
NA
TMP461HKU/EM.A
HKU
CFP
10
25
506.98
26.16
6220
NA
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36