| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP461-SP Fiches technique(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP461-SP Fiches technique(HTML) 27 Page - Texas Instruments |
|
27 / 36 page ![]() Time (s) -1 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 0 25 50 75 100 125 D011 DUT1 DUT2 DUT3 27 TMP461-SP www.ti.com SBOS876B – SEPTEMBER 2017 – REVISED FEBRUARY 2020 Product Folder Links: TMP461-SP Submit Documentation Feedback Copyright © 2017–2020, Texas Instruments Incorporated Typical Application (continued) 8.2.3 Application Curve Figure 19 shows the typical step response to submerging a sensor in an oil bath with a temperature of 100°C. Figure 19. Temperature Step Response 8.3 Radiation Environments Careful consideration should be given to environmental conditions when using a product in a radiation environment. 8.3.1 Single Event Latch-Up One-time single event latch-up (SEL) testing was preformed according to EIA/JEDEC Standard, EIA/JEDEC57. The linear energy transfer threshold (LETth) shown in Features is the maximum LET tested. A test report is available upon request. 8.3.2 Single Event Functional Interrupt To mitigate effects of single-event upsets and single-event functional interrupts, it is recommended that appropriate value be written to the pointer register each time a read operation is performed. Relying on the last value stored in the pointer register may increase the probability of a failed read due to a single event upset. If other functions are being used, such as the temperature limit register, it may be necessary to rewrite these registers on occasion. 8.3.3 Single Event Upset A report on single event upset (SEU) is available upon request. 9 Power Supply Recommendations The TMP461-SP device operates with a power-supply range of 1.7 V to 3.6 V. The device is optimized for operation at a 3.3-V supply but can measure temperature accurately in the full supply range. A power-supply bypass capacitor is recommended. Place this capacitor as close as possible to the supply and ground pins of the device. A typical value for this supply bypass capacitor is 0.1 μF. Applications with noisy or high-impedance power supplies may require additional decoupling capacitors to reject power-supply noise. |