| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER20-22-E Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER20-22-E Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 31 page ![]() VIPer20-E/DIP-E 6 Electrical Over Stress 21/31 6 Electrical Over Stress 6.1 Electrical Over Stress Ruggedness The VIPer may be submitted to electrical over-stress, caused by violent input voltage surges or lightning. Following the Layout Considerations is sufficient to prevent catastrophic damages most of the time. However in some cases, the voltage surges coupled through the transformer auxiliary winding can exceed the VDD pin absolute maximum rating voltage value. Such events may trigger the VDD internal protection circuitry which could be damaged by the strong discharge current of the VDD bulk capacitor. The simple RC filter shown in Figure 23 can be implemented to improve the application immunity to such surges. Figure 23. Input Voltage Surges Protection C1 Bulk capacitor D1 R1 (Optional) C2 22nF Auxilliary winding 13V OSC COMP SOURCE DRAIN VDD - + VIPerXX0 R2 39R |