| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER20-22-E Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER20-22-E Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 31 page ![]() VIPer20-E/DIP-E 5 Operation Description 13/31 VDDhyst is the voltage hysteresis of the UVLO logic (refer to the minimum specified value). The soft start feature can be implemented on the COMP pin through a simple capacitor which will be also used as the compensation network. In this case, the regulation loop bandwidth is rather low, because of the large value of this capacitor. In case a large regulation loop bandwidth is mandatory, the schematics of (see Figure 17) can be used. It mixes a high performance compensation network together with a separate high value soft start capacitor. Both soft start time and regulation loop bandwidth can be adjusted separately. If the device is intentionally shut down by tying the COMP pin to ground, the device is also performing start-up cycles, and the VDD voltage is oscillating between VDDon and VDDoff. This voltage can be used for supplying external functions, provided that their consumption does not exceed 0.5mA. (see Figure 18) shows a typical application of this function, with a latched shutdown. Once the "Shutdown" signal has been activated, the device remains in the Off state until the input voltage is removed. 5.4 Transconductance Error Amplifier The VIPer20-E includes a transconductance error amplifier. Transconductance Gm is the change in output current (ICOMP) versus change in input voltage (VDD). Thus: The output impedance ZCOMP at the output of this amplifier (COMP pin) can be defined as: This last equation shows that the open loop gain AVOL can be related to Gm and ZCOMP: AVOL = Gm x ZCOMP where Gm value for VIPer20-E is 1.5 mA/V typically. Gm is defined by specification, but ZCOMP and therefore AVOL are subject to large tolerances. An impedance Z can be connected between the COMP pin and ground in order to define the transfer function F of the error amplifier more accurately, according to the following equation (very similar to the one above): F(S) = Gm x Z(S) The error amplifier frequency response is reported in Figure 10. for different values of a simple resistance connected on the COMP pin. The unloaded transconductance error amplifier shows an internal ZCOMP of about 330KΩ. More complex impedance can be connected on the COMP pin to achieve different compensation level. A capacitor will provide an integrator function, thus eliminating the DC static error, and a resistance in series leads to a flat gain at higher frequency, insuring a correct phase margin. This configuration is illustrated in Figure 20 As shown in Figure 19 an additional noise filtering capacitor of 2.2nF is generally needed to avoid any high frequency interference. Is also possible to implement a slope compensation when working in continuous mode with duty cycle higher than 50%. Figure 21 shows such a configuration. Note: R1 and C2 build the classical compensation network, and Q1 is injecting the slope compensation with the correct polarity from the oscillator sawtooth. G m ∂l COMP ∂V DD ------------------- = Z CO MP ∂ V CO MP ∂ I COMP --------------------- 1 G m -------- ∂ V COMP ∂V DD ------------------------- × = = |