Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2821 Fiches technique(PDF) 5 Page - Adafruit Industries

No de pièce 2821
Description  Adafruit Feather HUZZAH ESP8266
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADAFRUIT [Adafruit Industries]
Site Internet  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2821 Fiches technique(HTML) 5 Page - Adafruit Industries

  2821 Datasheet HTML 1Page - Adafruit Industries 2821 Datasheet HTML 2Page - Adafruit Industries 2821 Datasheet HTML 3Page - Adafruit Industries 2821 Datasheet HTML 4Page - Adafruit Industries 2821 Datasheet HTML 5Page - Adafruit Industries 2821 Datasheet HTML 6Page - Adafruit Industries 2821 Datasheet HTML 7Page - Adafruit Industries 2821 Datasheet HTML 8Page - Adafruit Industries 2821 Datasheet HTML 9Page - Adafruit Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
At the Feather HUZZAH's heart is an ESP8266 WiFi microcontroller clocked at 80 MHz and at 3.3V logic. This
microcontroller contains a Tensilica chip core as well as a full WiFi stack. You can progam the microcontroller using the
Arduino IDE for an easy-to-run Internet of Things core. We wired up a USB-Serial chip that can upload code at a
blistering 921600 baud for fast development time. It also has auto-reset so no noodling with pins and reset button
pressings.
© Adafruit Industries
https://learn.adafruit.com/adafruit-feather-huzzah-esp8266
Page 5 of 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42