Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2821 Fiches technique(PDF) 23 Page - Adafruit Industries

No de pièce 2821
Description  Adafruit Feather HUZZAH ESP8266
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADAFRUIT [Adafruit Industries]
Site Internet  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2821 Fiches technique(HTML) 23 Page - Adafruit Industries

Back Button 2821 Datasheet HTML 19Page - Adafruit Industries 2821 Datasheet HTML 20Page - Adafruit Industries 2821 Datasheet HTML 21Page - Adafruit Industries 2821 Datasheet HTML 22Page - Adafruit Industries 2821 Datasheet HTML 23Page - Adafruit Industries 2821 Datasheet HTML 24Page - Adafruit Industries 2821 Datasheet HTML 25Page - Adafruit Industries 2821 Datasheet HTML 26Page - Adafruit Industries 2821 Datasheet HTML 27Page - Adafruit Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Power Management
Battery + USB Power
We wanted to make the Feather HUZZAH easy to power both when connected to a computer as well as via battery.
There's two ways to power a Feather. You can connect with a MicroUSB cable (just plug into the jack) and the Feather
will regulate the 5V USB down to 3.3V. You can also connect a 4.2/3.7V Lithium Polymer (Lipo/Lipoly) or Lithium Ion
(LiIon) battery to the JST jack. This will let the Feather run on a rechargable battery. When the USB power is powered,
it will automatically switch over to USB for power, as well as start charging the battery (if attached) at 100mA. This
happens 'hotswap' style so you can always keep the LiPoly connected as a 'backup' power that will only get used
when USB power is lost.
The JST connector polarity is matched to Adafruit LiPoly batteries. Using wrong polarity batteries can destroy
your Feather
© Adafruit Industries
https://learn.adafruit.com/adafruit-feather-huzzah-esp8266
Page 23 of 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42