| Moteur de recherche de fiches techniques de composants électroniques |
|
2821 Fiches technique(PDF) 3 Page - Adafruit Industries |
|
|
|||||||||||||||||||||||||||||
2821 Fiches technique(HTML) 3 Page - Adafruit Industries |
|
3 / 42 page ![]() 39 41 41 41 41 41 41 41 41 42 42 42 Fabrication Print ESP8266 F.A.Q. When I connect stuff to some of the pins, the Huzzah stops working. Whats up with that? My Huzzah board keeps crashing and resetting, whats up with that? I can't seem to find the Serial port on my computer for the Feather HUZZAH? I still can't seem to find the Serial port on my computer for the Feather Huzzah! So, I’m getting a 'no such file' error compiling for ESP8266 on my Mac Whenever I start or reset the ESP8226 there's a bunch of "gibberish" on the Serial console I'm having difficulties uploading to the HUZZAH with the Arduino IDE I tried that, but I'm still having difficulties uploading with the Arduino IDE I'm stuck in bootloader mode and can't upload I can't get Lua to respond to my commands © Adafruit Industries https://learn.adafruit.com/adafruit-feather-huzzah-esp8266 Page 3 of 42 |