Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F1507-E/SS. Fiches technique(PDF) 262 Page - Microchip Technology

No de pièce PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Fiches technique(HTML) 262 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 258Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 259Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 260Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 261Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 262Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 263Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 264Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 265Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 266Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 278 page
background image
PIC16(L)F1507
DS40001586D-page 262
 2011-2015 Microchip Technology Inc.
Package Marking Information (Continued)
*
Standard PICmicro® device marking consists of Microchip part number, year code, week code and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
20-Lead SSOP (5.30 mm)
Example
20-Lead QFN (4x4x0.9 mm)
Example
PIN 1
PIN 1
-I/SS 3
e
1120123
PIC16F1507
PIC16
F1507
I/ML
120123
3
e
20-Lead UQFN (4x4x0.5 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More