Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F1507-E/SS. Fiches technique(PDF) 252 Page - Microchip Technology

No de pièce PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Fiches technique(HTML) 252 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 248Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 249Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 250Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 251Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 252Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 253Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 254Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 255Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 278 page
background image
PIC16(L)F1507
DS40001586D-page 252
 2011-2015 Microchip Technology Inc.
FIGURE 26-48:
FVR STABILIZATION PERIOD
Typical
Max.
0
10
20
30
40
50
60
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
VDD (V)
Max: Typical + 3
Typical: statistical mean @ 25°C
Note:
The FVR Stabilization Period applies when:
1) coming out of RESET or exiting Sleep mode for PIC12/16LFxxxx devices.
2) when exiting sleep mode with VREGPM =
1 for PIC12/16Fxxxx devices
In all other cases, the FVR is stable when released from RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More